Part Number Hot Search : 
HC406 R7220408 PEMH1 MA2B182 A7733P AGM2464E PSOT12 SITU2011
Product Description
Full Text Search
 

To Download M37754M6C-XXXGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp description the M37754M6C-XXXGP and m37754m6c-xxxhp are single-chip microcomputers designed with high-performance cmos silicon gate technology. this is housed in a 100-pin plastic molded qfp. this microcomputer has a cpu and a bus interface unit. the cpu is a 16-bit parallel processor that can also be switched to perform 8-bit parallel processing, and the bus interface unit enhances the memory access efficiency to execute instructions fast. in addition to the 7700 family basic instructions, the m37754m6c- xxxgp and m37754m6c-xxxhp has 6 special instructions which contain instructions for signed multiplication/division; these added in- structions improve the servo arithmetic performance to control hard disk drives and so on. this microcomputer also include the rom, ram, multiple-function timers, motor control function, serial i/o, a-d converter, d-a con- verter, and so on. distinctive features ? number of basic machine instructions .................................... 109 (103 basic instructions of 7700 family + 6 special instructions) ? memory size rom ................................................ 48 kbytes ram ................................................2048 bytes ? instruction execution time the fastest instruction at 40 mhz frequency ...................... 100 ns ? single power supply ....................................................... 5v 10 % ? low power dissipation (at 40 mhz frequency) ....... 125 mw (typ.) ? interrupts ............................................................ 21 types, 7 levels ? multiple-function 16-bit timer ................................................... 5+3 (three-phase motor drive waveform or pulse motor control wave- form output) ? serial i/o (uart or clock synchronous) ..................................... 2 ? 10-bit a-d converter ............................................ 8-channel inputs ? 8-bit d-a converter ............................................ 2-channel outputs ? 12-bit watchdog timer ? programmable input/output (ports p0p11) ......................................................................... 87 ? small package [m37754m6c-xxxhp] ................................. 100-pin fine pitch qfp (read pitch : 0.5 mm) application control devices for personal computer peripheral equipment such as cd-rom drives, hard disk drives, high density fdd, printers control devices for office equipment such as copiers and facsimiles control devices for industrial equipment such as communication and measuring instruments control devices for equipment required for motor control such as in- verter air conditioner and general purpose inverter M37754M6C-XXXGP pin configuration (top view) outline 100p6s-a preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer ? p0 0 /a 0 ? p0 1 /a 1 ? p0 2 /a 2 ? p0 3 /a 3 ? p0 4 /a 4 ? p0 5 /a 5 ? p0 6 /a 6 ? p0 7 /a 7 ? p1 0 /a 8 ? p1 1 /a 9 ? p1 2 /a 10 ? p1 3 /a 11 ? p1 4 /a 12 ? p1 5 /a 13 ? p1 6 /a 14 ? p1 7 /a 15 ? p2 0 /a 16 ? p2 1 /a 17 ? p2 2 /a 18 ? p2 3 /a 19 ? p2 7 /a 23 ? p10 0 /d 0 /la 0 ? p10 1 /d 1 /la 1 ? p10 2 /d 2 /la 2 ? p10 3 /d 3 /la 3 ? p10 4 /d 4 /la 4 ? p10 5 /d 5 /la 5 ? p10 6 /d 6 /la 6 ? p10 7 /d 7 /la 7 ? p11 0 /d 8 ? p11 1/ d 9 ? p11 2 d 10 ? p11 3/ d 11 ? p11 4/ d 12 ? p11 5/ d 13 ? p11 6/ d 14 ? p11 7/ d 15 ? p3 0/ wr ? p3 1/ bhe ? p3 2/ ale ? p3 3/ hlda v cc v ss ? e/rd ? x out ? x in ? reset cnv ss ? byte ? p4 0/ hold p8 7 /t x d 1 ? p8 6 /r x d 1 ? p8 5 /clk 1 ? p8 4 /cts 1 /rts 1 /da 1 /int 4 ? p8 3 /t x d 0 ? p8 2 /r x d 0 /clks 0 ? p8 1 /clk 0 ? p8 0 /cts 0 /rts 0 /clks 1 /da 0 ? v cc av cc v ref ? av ss v ss p7 7 /an 7 /ad trg ? p7 6 /an 6 ? p7 5 /an 5 ? p7 4 /an 4 ? p7 3 /an 3 ? p7 2 /an 2 ? p7 1 /an 1 ? p7 0 /an 0 ? p9 5 /int 3 /ki 4 ? p9 4 /cs 4 /rtp1 3 ? p9 3 /cs 3 /a 22 /rtp1 2 ? p9 2 /cs 2 /a 21 /u/rtp1 1 ? p9 0 /cs 0 ? p6 7 /tb 2in ? p6 6 /tb 1in ? p6 5 /tb 0in ? p6 4 /int 2 ? p6 3 /int 1 ? p6 2 /int 0 ? p6 1 /ta 4in ? p6 0 /ta 4out ? p5 7 /ta 3in /ki 3 ? p5 6 /ta 3out /ki 2 ? p5 5 /ta 2in /ki 1 ? p5 4 /ta 2out /ki 0 ? p5 3 /ta 1in /w/rtp0 3 ? p5 2 /ta 1out /u/rtp0 2 ? p5 1 /ta 0in /v/rtp0 1 ? p5 0 /ta 0out /w/rtp0 0 ? p4 7 ? p4 6 ? p4 5 ? p4 4 ? p4 3 ? p4 2/ f 1 ? p4 1/ rdy ? p9 1 /cs 1 /a 20 /v/rtp1 0 ? 81 50 82 49 83 48 84 47 85 46 86 45 87 44 88 43 89 42 90 41 91 40 92 39 93 38 94 37 95 36 96 35 97 M37754M6C-XXXGP 34 98 33 99 32 100 31 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp 2 preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer m37754m6c-xxxhp pin configuration (top view) 26 27 ? p4 3 ? p4 2 / f 1 ? p4 1 /rdy ? p4 0 /hold ? byte cnv ss ? reset ? x in ? x out ? e/rd v ss v cc ? p3 3 /hlda ? p3 2 /ale ? p3 1 /bhe ? p3 0 /wr ? p11 7 /d 15 ? p11 6 /d 14 ? p11 5 /d 13 ? p11 4 /d 12 ? p11 3 /d 11 ? p11 2 /d 10 ? p11 1 /d 9 ? p11 0 /d 8 ? p10 7 /d 7 /la 7 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 10 0 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 p0 2 /a 2 ? p0 1 /a 1 ? p0 0 /a 0 ? p8 7 /t x d 1 ? p8 6 /r x d 1 ? p8 5 /clk 1 ? p8 4 /cts 1 /rts 1 /da 1 /int 4 ? p8 3 /t x d 0 ? p8 2 /r x d 0 /clks 0 ? p8 1 /clk 0 ? v cc av cc v ref ? av ss v ss p7 7 /an 7 /ad trg ? m37754m6c-xxxhp p7 6 /an 6 ? p7 5 /an 5 ? p7 4 /an 4 ? p7 3 /an 3 ? p7 2 /an 2 ? p7 1 /an 1 ? p7 0 /an 0 ? p9 5 /int 3 /ki 4 ? p8 0 /cts 0 /rts 0 /clks 1 /da 0 ? 51 52 ? p10 6 /d 6 /la 6 ? p10 5 /d 5 /la 5 ? p10 4 /d 4 /la 4 ? p10 3 /d 3 /la 3 ? p10 2 /d 2 /la 2 ? p10 1 /d 1 /la 1 ? p10 0 /d 0 /la 0 ? p2 7 /a 23 ? p2 3 /a 19 ? p2 2 /a 18 ? p2 1 /a 17 ? p2 0 /a 16 ? p1 7 /a 15 ? p1 6 /a 14 ? p1 5 /a 13 ? p1 4 /a 12 ? p1 3 /a 11 ? p1 2 /a 10 ? p1 1 /a 9 ? p1 0 /a 8 ? p0 7 /a 7 ? p0 6 /a 6 ? p0 5 /a 5 ? p0 4 /a 4 ? p0 3 /a 3 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 p9 4 /cs 4 /rtp1 3 ? p9 3 /cs 3 /a 22 /rtp1 2 ? p9 0 /cs 0 ? p6 7 /tb2 in ? p6 6 /tb1 in ? p6 5 /tb0 in ? p6 4 /int 2 ? p6 1 /ta4 in ? p6 0 /ta4 out ? p5 7 /ta3 in /ki 3 ? p5 6 /ta3 out /ki 2 ? p5 5 /ta2 in /ki 1 ? p5 4 /ta2 out /ki 0 ? p5 3 /ta1 in /w/rtp0 3 ? p5 2 /ta1 out /u/rtp0 2 ? p5 1 /ta0 in /v/rtp0 1 ? p5 0 /ta0 out /w/rtp0 0 ? p4 7 ? p4 6 ? p4 5 ? p4 4 ? p9 2 /cs 2 /a 21 /u/rtp1 1 ? p9 1 /cs 1 /a 20 /v/rtp1 0 ? p6 3 /int 1 ? p6 2 /int 0 ? outline 100p6q-a differences between M37754M6C-XXXGP and m37754m6c-xxxhp product M37754M6C-XXXGP m37754m6c-xxxhp package 100-pin qfp (100p6s-a) 100-pin fine pitch qfp (100p6q-a)
3 mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer p2 (5) input/output port p2 p1 (8) input/output port p1 p0 (8) input/output port p0 rom 48 kbytes p3 (4) input/output port p3 p8(8) p7(8) p9(6) p6(8) p5(8) p4(8) input/output port p4 p11(8) p10 (8) input/output port p8 input/output port p7 input/output port p9 input/output port p6 input/output port p5 input/output port p11 clock generating circuit instruction register(8) ram 2048 bytes timer ta0(16) timer ta1(16) timer ta2(16) timer ta3(16) timer tb0(16) timer tb1(16) timer tb2(16) watchdogtimer uart 0(9) uart 1(9) a-d converter(10) d-a 0 converter(8) d-a 1 converter(8) timer ta4(16) address bus data bus(even) data buffer db h (8) data buffer db l (8) instruction queue buffer q 0 (8) instruction queue buffer q 1 (8) instruction queue buffer q 2 (8) incrementer(24) program address register pa(24) data address register da(24) processor status register ps(11) direct page register dpr(16) stack pointer s(16) incrementer/decrementer(24) program counter pc(16) program bank register pg(8) data bank register dt(8) index register y(16) index register x(16) accumulator b(16) accumulator a(16) arithmetic logic unit(16) input buffer register ib(16) data bus(odd) x in reset input reset (5v) v cc cnv ss (0v) av ss (5v) av cc reference voltage input (0v) v ss clock output x out v ref clock input e enable output input/output port p10 bus width select input byte block diagram
mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp 4 preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer number of basic machine instructions instruction execution time memory size input/output ports multiple-function timers serial i/o a-d converter d-a converter watchdog timer dead-time timer interrupts clock generating circuit supply voltage power dissipation input/output characteristic memory expansion operating temperature range device structure package rom ram p0, p1, p4Cp8, p10, p11 p2 p3 p9 ta0, ta1, ta2, ta3, ta4 tb0, tb1, tb2 functions of M37754M6C-XXXGP functions parameter 109 100 ns (the fastest instruction at external clock 40 mhz frequency) 48 kbytes 2048 bytes 8-bit 9 5-bit 1 4-bit 1 6-bit 1 16-bit 5 16-bit 3 (uart or clock synchronous serial i/o) 2 10-bit 1 (8 channels) 8-bit 2 12-bit 1 8-bit 3 5 external types, 16 internal types (each interrupt can be set to priority levels 0C7.) built-in (externally connected to a ceramic resonator or quartz crystal resonator) 5 v10 % 125 mw(at external clock 40 mhz frequency) 5 v 5 ma maximum 16 mbytes C20 to 85 c cmos high-performance silicon gate process 100-pin plastic molded qfp input/output withstand voltage output current
5 mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer pin description (microcomputer mode) functions input input input output output input input i/o i/o i/o i/o i/o i/o i/o i/o i/o i/o input/ output name pin v cc , v ss cnv ss reset x in x out e byte (note) av cc , av ss v ref p0 0 Cp0 7 p1 0 Cp1 7 p2 0 Cp2 3 , p2 7 p3 0 Cp3 3 p4 0 Cp4 7 p5 0 Cp5 7 p6 0 Cp6 7 p7 0 Cp7 7 p8 0 Cp8 7 p9 0 Cp9 5 supply 5 v10 % to v cc and 0 v to v ss . this pin controls the processor mode. connect to v ss for single-chip mode or memory expansion mode. connect to v cc for microprocessor mode. this is reset input pin. the microcomputer is reset when supplying l level to this pin. these are i/o pins of internal clock generating circuit. connect a ceramic or quartz- crystal resonator between x in and x out . when an external clock is used, the clock source should be connected to the x in pin and the x out pin should be left open. this pin outputs enable signal e, which indicates access state of data bus for single-chip mode. this pin outputs rd signal for memory expansion mode or microprocessor mode. this pin determines whether the external data bus is 8-bit width or 16-bit width for memory expansion mode or microprocessor mode. the width is 16 bits when l signal inputs and 8 bits when h signal inputs. power supply for the a-d converter and the d-a converter. connect av cc to v cc and av ss to v ss externally. this is reference voltage input pin for the a-d converter and the d-a converter. in single-chip mode, port p0 is an 8-bit i/o port. this port has an i/o direction register and each pin can be programmed for input or output. these ports are in the input mode when reset. address (a 0 Ca 7 ) is output in memory expansion mode or microprocessor mode. in single-chip mode, these pins have the same functions as port p0. address (a 8 C a 15 ) is output in memory expansion mode or microprocessor mode. in single-chip mode, these pins have the same functions as port p0. address (a 16 C a 19 , a 23 ) is output in memory expansion mode or microprocessor mode. in single-chip mode, these pins have the same functions as port p0. in memory expansion mode or microprocessor mode, wr, bhe , ale, and hlda signals are output. in single-chip mode, these pins have the same functions as port p0. in memory expansion mode or microprocessor mode, p4 0 , p4 1 , and p4 2 become hold and rdy input pins, and clock f 1 output pin respectively. functions of other pins are the same as in single-chip mode. in memory expansion mode, p4 2 can be pro- grammed as i/o port. in addition to having the same functions as port p0 in single-chip mode, these pins also function as i/o pins for timer a0, timer a1, timer a2, timer a3, output pins for motor drive waveform, and input pins for key input interrupt. in addition to having the same functions as port p0 in single-chip mode, these pins also function as i/o pins for timer a4, input pins for external interrupt input int 0 , int 1 , and int 2 , and input pins for timer b0, timer b1, and timer b2. in addition to having the same functions as port p0 in single-chip mode, these pins also function as input pins for a-d converter. in addition to having the same functions as port p0 in single-chip mode, these pins also function as i/o pins for uart0, uart1, output pins for d-a converter, and input pin for int 4 . in addition to having the same functions as port p0 in single-chip mode, these pins also function as input pin for int 3 , output pins for motor drive waveform. in memory expansion mode and microprocessor mode, these pins can be programmed as address (a 20 Ca 22 ) or output pins for cs 0 Ccs 4 . power supply cnv ss input reset input clock input clock output enable output bus width select input analog supply input reference voltage input i/o port p0 i/o port p1 i/o port p2 i/o port p3 i/o port p4 i/o port p5 i/o port p6 i/o port p7 i/o port p8 i/o port p9 note: it is impossible to change the input level of the byte pin in each bus cycle. in other words, bus width cannot be switched dynamically. fix the input level of the byte pin to h or l according to the bus width used.
mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp 6 preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer functions i/o input/ output name pin p10 0 C p10 7 i/o port p10 in single-chip mode, these pins have the same functions as port p0. in memory expansion mode or microprocessor mode, these pins become data i/o pins and operate as follows: (1) when using 16-bit width as external data bus width: ? accessing external memory pins value is input into low-order internal data bus (db 0 to db 7 ). value of low-order internal data bus (db 0 to db 7 ) is output to these pins. ? accessing internal memory these pins become high impedance. value of internal data bus is output to these pins. (2) when using 8-bit width as external data bus width: ? accessing external memory pins value is input into internal data bus. the value is input into low-order internal data bus (db 0 to db 7 ) when accessing an even address; it is input into high-order internal data bus (db 8 to db 15 ) when accessing an odd address. value of internal data bus is output to these pins. the value of low-order internal data bus (db 0 to db 7 ) is output when accessing an even address; the value of high-order internal data bus (db 8 to db 15 ) is output when accessing an odd address. ? accessing internal memory these pins become high impedance. value of internal data bus is output to these pins. when the external bus width is 8 bits, the mode where low-order address (la 0 to la 7 ) is output when rd or wr output is h and data (d 0 to d 7 ) is input/output when rd or wr output is l can be selected in specified external memory area access cycle. in single-chip mode, these pins have the same functions as port p0. in memory expansion mode or microprocessor mode, these pins operate as follows: (1) when using 16-bit width as external data bus width ? accessing external memory the value is input into high-order internal data bus (db 8 to db 15 ) when accessing an odd address; these pins enter high impedance state when not accessing an odd address. value of high-order internal data bus (db 8 to db 15 ) is output to these pins. ? accessing internal memory these pins enter high impedance state. value of internal data bus is output to these pins. (2) when using 8-bit width as external data bus width these pins become i/o port p11 0 C p11 7 . p11 0 C p11 7 i/o port p11 i/o
7 mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer basic function blocks the M37754M6C-XXXGP and m37754m6c-xxxhp has the same functions as the m37754m8c-xxxgp and m37754m8c-xxxhp ex- cept for the following : (1) the rom size is different. (2) the function of rom area modification is not available. therefore, refer to the section on the m37754m8c-xxxgp. memory the memory map is shown in figure 1. the address space is 16 mbytes from addresses 0 16 to ffffff 16 . the address space is di- vided into 64-kbyte units called banks. the banks are numbered from 0 16 to ff 16 . internal rom, internal ram, and control registers for internal periph- eral devices are assigned to bank 0 16 . the 48-kbyte area from addresses 4000 16 to ffff 16 is the internal rom. addresses ffd2 16 to ffff 16 are the reset and interrupt vector addresses and contain the interrupt vectors. refer to the section on interrupts for details. the 2048-byte area from addresses 80 16 to 87f 16 contains the inter- nal ram. in addition to storing data, the ram is used as stack during a subroutine call, or interrupts. assigned to addresses 0 16 to 7f 16 are peripheral devices such as i/o ports, a-d converter, d-a converter, uart, timer, and interrupt control registers. a 256-byte direct page area can be allocated anywhere in bank 0 16 using the direct page register dpr. in direct page addressing mode, the memory in the direct page area can be accessed with two words thus reducing program steps. note: internal rom area can be modified. (refer to the section on rom area modification function.) 000000 16 000000 16 000000 16 00007f 16 00087f 16 00ffff 16 00fffe 16 00ffd2 16 000080 16 00ffff 16 bank 0 16 bank 1 16 010000 16 01ffff 16 ff0000 16 ffffff 16 internal ram 2048 bytes peripherai devices control registers interrupt vector table a-d int 3 uart1 transmit uart1 receive uart0 transmit uart0 receive timer b2 timer b1 timer b0 timer a4 timer a3 timer a2 timer a1 timer a0 int 2 watchdog timer brk instruction zero divide see fig. 2 for further information int 1 int 0 dbc reset ? ? ? ? ? ? ? ? ? ? ? ? ? ? bank ff 16 ? ? ? ? ? ? ? internal rom 48 kbytes 004000 16 fe0000 16 feffff 16 bank fe 16 ? ? ? ? ? ? ? 00007f 16 int 4 fig. 1 memory map
mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp 8 preliminar y notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer fig. 2 location of peripheral devices and interrupt control registers 000000 000001 000002 000003 000004 000005 000006 000007 000008 000009 00000a port p4 register port p5 register port p4 direction register port p5 direction register port p6 register port p7 register port p6 direction register port p7 direction register port p8 register port p9 register port p8 direction register port p9 direction register port p11 register port p11 direction register a-d control register 0 a-d control register 1 a-d register 0 a-d register 1 a-d register 2 a-d register 3 a-d register 4 a-d register 5 a-d register 6 a-d register 7 uart0 transmit/receive mode register uart0 baud rate register uart0 transmit buffer register uart0 transmit/receive control register 0 uart0 transmit/receive control register 1 uart0 receive buffer register uart1 transmit/receive mode register uart1 baud rate register uart1 transmit buffer register uart1 transmit/receive control register 0 uart1 transmit/receive control register 1 uart1 receive buffer register 00000b 00000c 00000d 00000e 00000f 000010 000011 000012 000013 000014 000015 000016 000017 000018 000019 00001a 00001b 00001c 00001d 00001e 00001f 000020 000021 000022 000023 000024 000025 000026 000027 000028 000029 00002a 00002b 00002c 00002d 00002e 00002f 000030 000031 000032 000033 000034 000035 000036 000037 000038 000039 00003a 00003b 00003c 00003d 00003e 00003f 000040 000041 000042 000043 000044 000045 000046 000047 000048 000049 00004a count start register one-shot start register up-down register timer a0 register timer a1 register timer a2 register timer a3 register timer a4 register timer b0 register timer b1 register timer b2 register timer a0 mode register timer a1 mode register timer a2 mode register timer a3 mode register timer a4 mode register timer b0 mode register timer b1 mode register timer b2 mode register processor mode register 0 processor mode register 1 watchdog timer register watchdog timer frequency select register chip select control register chip select area register comparator function select register comparator result register d-a register 0 d-a register 1 particular function select register 0 particular function select register 1 int 3 interrupt control register a-d interrupt control register uart0 trasmit interrupt control register uart0 receive interrupt control register uart1 trasmit interrupt control register uart1 receive interrupt control register timer a0 interrupt control register timer a1 interrupt control register timer a2 interrupt control register timer a3 interrupt control register timer a4 interrupt control register timer b0 interrupt control register timer b1 interrupt control register timer b2 interrupt control register 00004b 00004c 00004d 00004e 00004f 000050 000051 000052 000053 000054 000055 000056 000057 000058 000059 00005a 00005b 00005c 00005d 00005e 00005f 000060 000061 000062 000063 000064 000065 000066 000067 000068 000069 00006a 00006b 00006c 00006d 00006e 00006f 000070 000071 000072 000073 000074 000075 000076 000077 000078 000079 00007a 00007b 00007c 00007d 00007e 00007f int 0 interrupt control register int 1 interrupt control register int 2 interrupt control register address (hexadecimal notation) address (hexadecimal notation) port p0 register port p1 register port p0 direction register port p1 direction register port p2 register port p3 register port p2 direction register port p3 direction register port p10 register port p10 direction register waveform output mode register dead-time timer pulse output data register 1 pulse output data register 0 timer a write register reserved area (note) reserved area (note) int 4 interrupt control register note: do not write to this address.
9 mitsubishi microcomputers M37754M6C-XXXGP m37754m6c-xxxhp preliminary notice: this is not a final specification. some parametric limits are subject to change. single-chip 16-bit cmos microcomputer electrical characteristics the M37754M6C-XXXGP and m37754m6c-xxxhp have the same function as the m37754m8c-xxxgp and m37754m8c-xxxhp in the following : (1) absolute maximum ratings (2) recommended operating conditions (3) electrical characteristics (4) peripheral device input/output timing (5) timing requirements (6) switching characteristics therefore, refer to the correponding section on the m37754m8c- xxxgp. addressing modes and instruction set the M37754M6C-XXXGP and m37754m6c-xxxhp have 29 pow- erful addressing modes; 1 addressing mode is added to the basis of the 7700 series. refer to the 7751 series software manual for the details. instruction set the M37754M6C-XXXGP and m37754m6c-xxxhp have the ex- tended instruction set; 6 instructions are added to the instruction set of 7700 series. the object code of this extended instruction set is upwards compatible to that of 7700 series instruction set. refer to the 7751 series software manual for the details. shortening number of instruction execution cycles shortening number of instruction execution cycles is realized in the M37754M6C-XXXGP and m37754m6c-xxxhp owing to modifica- tions of the instruction execution algorithm and the cpu circuit, and others. refer to the 7751 series software manual about the number of instruction execution cycles. data required for mask rom ordering please send the following data for mask orders: <M37754M6C-XXXGP> (1) M37754M6C-XXXGP mask rom order confirmation form (2) 100p6s mark specification form (3) rom data (eprom 3 sets) (1) m37754m6c-xxxhp mask rom order confirmation form (2) 100p6q mark specification form (3) rom data (eprom 3 sets)
single-chip 16-bit microcomputer M37754M6C-XXXGP date: receipt gzzCsh00C84b<85a0> ( ) note : please fill in all items marked customer supervisor company name date issued date: tel 1. confirmation specify the name of the product being ordered. three sets of eproms are required for each pattern (check @ in the appropriate box). if at least two of the three sets of eproms submitted contai n the identical data, we will produce masks based on this da ta. we shall assume the responsibility for errors only if the ma sk rom data on the products we produce differ from this data . thus, the customer must be especially careful in verifying t he data contained in the eproms submitted. checksum code for entire eprom areas eprom type : (hexadecimal notation) responsible officer section head signature supervisor signature issuance signatures one of the following sets of data should be written to the o ption data address (10 16 ) of the eprom you have ordered. check @ in the appropriate box. stp instruction enable stp instruction disable 2. stp instruction option 01 16 00 16 address 10 16 address 10 16 3. mark specification mark specification must be submitted using the correct form for the type of package being ordered fill out the appropria te 100p6s mark specification form (for M37754M6C-XXXGP), 100p6q mark specification form (for m37754m6c-xxxhp) and attach to the mask rom order confirmation form. 7700 family mask rom order confirmation form mask rom number mitsubishi electric m37754m6c-xxxhp 27512 ffff 0010 0000 4000 48k (1) set ff 16 in the shaded area. (2) address 0 16 to 10 16 are the area for storing the data on model designation and options.this area must be written with the data shown below. details for option data are given next in the section describing the stp instruction option. address and data are written in hexadecimal notation. 0 3 7 5 2 f a e c b 9 8 d 4 1 6 4d 33 37 37 34 4d 35 43 2d ff ff ff ff ff ff option data address address address 36 10 27101 1ffff 00010 00000 14000 48k 4. comments data data
customers parts number note : the fonts and size of characters are standard mitsubishi type. mitsubishi ic catalog name note1 : the mark field should be written right aligned. 2 : the fonts and size of characters are standard mitsubishi type. 3 : customers parts number can be up to 14 characters : only 0 ~ 9, a ~ z, +, C, /, (, ), &, ? , . (periods), , (commas) are usable. 4 : if the mitsubishi logo is not required, check the box below. mitsubishi logo is not required 100p6s (100-pin qfp) mark specification form mitsubishi ic catalog name please choose one of the marking types below (a, b, c), and enter the mitsubishi catalog name and the special mark (if needed). a. standard mitsubishi mark c. special mark required b. customers parts number + mitsubishi catalog name mitsubishi ic catalog name note1 : if the special mark is to be printed, indicate the desired layout of the mark in the left figure. the layout will be duplicated as close as possible. mitsubishi lot number (6-digit or 7-digit) and mask rom number (3-digit) are always marked. 2 : if the customers trade mark logo must be used in the special mark, check the box below. please submit a clean original of the logo. for the new special character fonts a clean font original (ideally logo drawing) must be submitted. special logo required 1 30 31 81 50 80 51 100 mitsubishi lot number (6-digit or 7-digit) 1 30 31 81 50 80 51 100 1 30 31 81 50 80 51 100
? 1999 mitsubishi electric corp. new publication, effective apr. 1999. specifications subject to change without notice. notes regarding these materials ? these materials are intended as a reference to assist our cu stomers in the selection of the mitsubishi semiconductor pro duct best suited to the customer s application; they do not convey any license under any intellectual property rights, or any other rights, belonging to mitsubishi electric corporation or a third party. ? mitsubishi electric corporation assumes no responsibility fo r any damage, or infringement of any third-party s rights, originating in the use of any product data, diagra ms, charts or circuit application examples contained in these materials. ? all information contained in these materials, including prod uct data, diagrams and charts, represent information on prod ucts at the time of publication of these materials, and are subject to change by mitsubishi electric corporation without notice due to product improveme nts or other reasons. it is therefore recommended that custo mers contact mitsubishi electric corporation or an authorize d mitsubishi semiconductor product distributor for the latest product information befor e purchasing a product listed herein. ? mitsubishi electric corporation semiconductors are not desig ned or manufactured for use in a device or system that is us ed under circumstances in which human life is potentially at stake. please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor when considering the use o f a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or u ndersea repeater use. ? the prior written approval of mitsubishi electric corporatio n is necessary to reprint or reproduce in whole or in part t hese materials. ? if these products or technologies are subject to the japanes e export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control law s and regulations of japan and/or the country of destination is prohibited. ? please contact mitsubishi electric corporation or an authori zed mitsubishi semiconductor product distributor for further details on these materials or the products contained therei n. keep safety first in your circuit designs! ? mitsubishi electric corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when m aking your circuit designs, with appropriate measures such a s (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against any malfunction or mish ap.
rev. rev. no. date 1.0 first edition 971114 1.01 the following are added: 980528 mask rom order confirmation form mark specification form 2.00 (1) for the timer a write flag (address 45 16 ), it?s name is corrected: 990428 new register name: timer a write register related page: page 8 revision description list M37754M6C-XXXGP/hp data sheet (1/1) revision description


▲Up To Search▲   

 
Price & Availability of M37754M6C-XXXGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X